Part Number Hot Search : 
AS1340 IDT5V SM7745HS 20M100 GP7N60 ERJ1TYJ ATU18160 020180
Product Description
Full Text Search
 

To Download 1N4728-4752 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728A - 1N4752A Series
1N4728A - 1N4752A Series One Watt Zeners
Absolute Maximum Ratings*
P a ra m e te r
S to ra g e T e m p e ra tu re R a n g e M a x im u m J u n c tio n O p e ra tin g T e m p e ra tu re L e a d T e m p e ra tu re (1 /1 6 " fro m c a s e fo r 1 0 s e c o n d s ) T o ta l D e v ic e D is s ip a tio n D e ra te a b o v e 5 0 C T h e rm a l re s is ta n c e J u n c tio n to L e a d T h e rm a l re s is ta n c e J u n c tio n to A m b ie n t S u rg e P o w e r* *
TA = 25C unless otherwise noted
Tolerance: A = 5%
V a lu e
-6 5 to + 2 0 0 + 200 + 230 1 .0 6 .6 7 5 3 .5 100 10
U n its
C C C W m W / C C /W C /W W
*These ratings are limiting values above which the serviceability of the diode may be impaired. **Non-recurrent square wave PW= 8.3 ms, TA= 55 degrees C.
NOTES: 1) These ratings are based on a maximum junction temperature of 200 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
DO-41
Electrical Characteristics
Device
1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A
TA = 25C unless otherwise noted
VZ
(V) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33
ZZ
() 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45
@
IZT
(mA) 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5
ZZK
() 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1,000 1,000
@
IZK
(mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
VR
(V) 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1
@
IR
(A) 100 100 50 10 10 10 10 10 10 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
ISURGE
(mA) 1,380 1,260 1,190 1,070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135
IZM
(mA) 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27
VF
Foward Voltage = 1.2 V Maximum @ IF = 200 mA for all 1N4700 series
(c)1997 Fairchild Semiconductor Corporation
1N4700A Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of 1N4728-4752

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X